PART |
Description |
Maker |
T350A105K035AT |
Tantalum, MnO2 Tantalum, Commercial Grade, T350, 1 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing =2.54mm
|
Kemet Corporation
|
M39003-01-2306 |
Tantalum, MnO2 Tantalum, Military/High Reliability, T212_CSR13, 22 uF, 10%, 35 V, 1.3 Ohms
|
Kemet Corporation
|
285D07 285D126X0250F2 285D126X9250C0 285D126X9250C |
Tantalum-Cased-Tantalum Sintered Anode TANTALEX㈢ Capacitors for Operation to 125 ∑C Tantalum-Cased-Tantalum Sintered Anode TANTALEX? Capacitors for Operation to 125 °C Tantalum-Cased-Tantalum Sintered Anode TANTALEX庐 Capacitors for Operation to 125 掳C Tantalum-Cased-Tantalum Sintered Anode TANTALEX垄莽 Capacitors for Operation to 125 隆?C
|
Vishay Siliconix
|
B45196L047750 B45196L068620 B45196L068630 B45196L0 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 1000 uF, SURFACE MOUNT, 2916 CHIP, ROHS COMPLIANT Tantalum Chip Capacitors Tantalum Chip Capacitors
|
爱普科斯(中国)投资有限公司 EPCOS http://
|
T495D226K035ATE250-17 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 250 mOhms, 3.1mm
|
Kemet Corporation
|
TCKIV475DT |
4.7UF, 10%, 35V, TANTALUM CAP, TANT, 35V, 2917 CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 4.7 uF, SURFACE MOUNT, 2916
|
Cal-Chip Electronics
|
T491C106K016AT7280 |
T491, Tantalum, MnO2 Tantalum, 10 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, 1.8 Ohms, Height Max = 2.8mm
|
Kemet Corporation
|
T491B686K010AT |
Tantalum, MnO2 Tantalum, T491, 68 uF, 10%, 10 V, 3528, SMD, MnO2, Molded, 1 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T495B106K010ATE600 |
T495, Tantalum, MnO2 Tantalum, 10 uF, 10%, 10 V, 3528, SMD, MnO2, Molded, Low ESR, 600 mOhms, Height Max = 2.1mm
|
Kemet Corporation
|
|